Part Number Hot Search : 
LT1137CS CY6213 MAX6909 CA3338MZ 25ETT 20N50 LR2004L TA2057N
Product Description
Full Text Search
 

To Download BLF861A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  <$.rnl-condu<2toi ^p , ijna, 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 uhf power ldmos transistor BLF861A features ? high power gain ? easy power control ? excellent ruggedness ? designed to withstand abrupt load mismatch errors ? source on underside eliminates dc isolators; reducing common mode inductance ? designed for broadband operation (uhf band) ? internal input and output matching for high gain and optimum broadband operation. applications ? communication transmitter applications in the uhf frequency range. description silicon n-channel enhancement mode lateral d-mos push-pull transistor in a sot540a package with ceramic cap. the common source is connected to the mounting flange. pinning - sot540a pin 1 2 3 4 5 description drain 1 drain 2 gate 1 gate 2 source connected to flange 3 4 top view fig.1 simplified outline. quick reference data rf performance at th = 25 c in a common source 860 mhz test circuit. mode of operation cw, class-ab pal bg (tv); class-ab f (mhz) 860 860 (ch 69) vds (v) 32 32 pl (w) 150 >150 typ. 170 (peak sync) gp (db) >13.5 typ. 14.5 >14 tld {%) >50 >40 agp (db) <1 note 1 note 1. sync compression: input sync > 33%; output sync 27%. nj .semi-coiidudors reserves rhe right (o change test conditions, parameter limits and packuge dimensions without notice information tumished by nj semi-conductors"' believed to he hoih accurate and reliable ill the lime of going to press. however semi-c uiijuuors .bsumcs no responsibility lor ;my errors nr uumsiiins jiscuvcrej in its use nj seim-ctutchmurs ei i. iiiti1 mop; in vl'iil\m ih has heels ire uirreni before plncina
limiting values in accordance with the absolute maximum rating system (iec 60134). symbol vds vgs id plot tstg t| parameter drain-source voltage gate-source voltage drain current (dc) total power dissipation storage temperature junction temperature conditions tmb<25c min. - - - - -65 - max. 65 15 18 318 +150 200 unit v v a w c c uhf power ldmos transistor BLF861A thermal characteristics symbol rth i-mb rth mb-h parameter thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink conditions tmb = 25c;p,ot = 318w value 0.55 0.2 unit k/w k/w characteristics tj = 25 c; per section; unless otherwise specified. symbol v(br)dss vqsth idss bsx igss 9fs rdson cjss cqss cres parameter drain-source breakdown voltage gate-source threshold voltage drain-source leakage current drain cut-off current gate leakage current forward transconductance drain-source on-state resistance input capacitance output capacitance feedback capacitance conditions vqs = 0; id = 1.5ma vds = 10v; id = 150ma vqs = 0; vds = 32 v vgs = vgsth + 9v;vds = 10v vgs = +15v;vds = 0 vds = 10v; id = 4 a vgs = vgs,h + 9v;ld = 4a vqs = 0; vds = 32 v; f = 1 mhz <1> vgs = 0; vds = 32 v; f = 1 mhz <1> vqs = 0; vds = 32 v; f = 1 mhz <1> min. 65 4 - 18 - - - - - - typ. - - - - - 4 160 82 40 6 max. - 5.5 2.2 - 25 - - - - - unit v v ha a na s mo pf pf pf uhf power ldmos transistor BLF861A application information rf performance in a common source 860 mhz test circuit. th = 25 c; rth mb-h = 0.15 k/w; unless otherwise specified. mode of operation cw; class-ab 2-tone; class-ab pal bg (tv); class-ab f (mhz) 860 f! = 860 it = 860.1 860 (ch 69) vds (v) 32 32 32 idq (a) 1 1 1 pl (w) 150 150 (pep) >150 typ. 170 (peak sync) gp (db) >13.5 typ. 14.5 >14 >14 ho (%) >50 >40 >40 d,m (dbc) <-25 agp (db) <1 note 1


▲Up To Search▲   

 
Price & Availability of BLF861A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X